Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download 381-66430-3004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type g male connector series 38 twopiece connectors heavy duty power din 262 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in millimeters (inches). lr92984 e60980 p hysical p roperties i nsulation m aterial : glass filled thermoplastic rated ul 94v-0 c olor : gray c ontacts : copper alloy, nickel plate overall, gold finish in contact zone. tin/lead on solder tails, tin/lead or gold on posts. e lectrical p roperties c urrent r ating : 5.5 amps per pin i nsulation r esistance : >1 x 10 9 0hms d ielectric s trength : > 500 vdc at sea level e nvironmental p roperties t emperature r ating : -55?c to 125? ordering information no. of contacts contact loading catalog no. termination style mm specify x (inches) 64 z, b, d, f 2, 4, 6 ?2 381-66430-300 x a = 2.9 (.114) solder post 0.64 x 0.64 (.025 x .025) extended length contacts available. consult factory for details. recommended printed circuit board layout x performance level 1 level 1 - 500 mating cycles 8 level 2 - 400 mating cycles 4 level 3 - 50 mating cycles


▲Up To Search▲   

 
Price & Availability of 381-66430-3004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X